Part Number Hot Search : 
8TXXX 1220A 74HC5 TG4001 ASM3P2 2SC1906Y BTA23B 20121
Product Description
Full Text Search
 

To Download EF25-11-K-H-13P-WZ2589 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Sketch with main dimensions
For applications with enlarged creepage distances. Standard material: Ultramid A3X2G7, natural Temp. Class B (130 o C) UL 94-V0 Creepage distances: at long bobbin side = 12,00 mm at short bobbin side = 5,90 mm X = Additional Pin
ST with molded-in wires
0,75 mm
b1
0,1
b2
0,2
b3
0,2
b4
0,2
h1
0,1
h2
0,2
k
0,1
n1
+ 0,2
l1
0,2
l2
0,2
l5
0,2
t
0,2
X1
0,2
X2
0,2
X4
0,2
Type
ArticleNo.
7,6
17,2
27,7
26,0
11,1
25,1
5,0
0,75
15,5
17,2
33,4
1x4 3,3 2x5,25 2x4
26,0 5x3,75 EE 25/11/1 ST
Wz 2589/1 ST
7146
1
X3 = max. number of slots or terminals.
EF25/11-K-H-13P-WZ2589


▲Up To Search▲   

 
Price & Availability of EF25-11-K-H-13P-WZ2589

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X